Part Number Hot Search : 
FDMC561 W91511AN D667A T3866 0TRPBF MC68HC7 UM706RS BJ15A
Product Description
Full Text Search
 

To Download MMBZ5251BS-7-F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  lead-free ds31039 rev. 12 - 2 1 of 4 mmbz5221bs - mmbz5259bs www.diodes.co m ? diodes incorporated mmbz5221bs - mmbz5259b s 200mw surf ace mount zener dio de planar die construction dual isolated zeners in ultra-small surface mount package ideally suited for automated assembly process es lead free /rohs co mpliant (note 5 ) features maximum ratings @ t a = 25c unless otherwise s pecified characteristic symbol value unit forward voltage @ i f = 10ma v f 0.9 v power dissipation (note 1) p d 200 mw thermal resistance, j unction to ambient air (note 1) r q ja 625 c /w operating and storage temperature range t j , t stg -65 to +150 c case: sot-363 case material: molded pl astic. ul flammability classification rating 94v-0 moisture sensitivity: level 1 per j- std-020c terminals: solderable per mil-std-202, method 208 lead free plating (matte tin finish annealed over alloy 42 leadframe). polarity: see diagram marking: see page 2 weight: 0.006 grams (approximate) mechanical data a m j l d b c h k g f sot-363 dim min max a 0.10 0.30 b 1.15 1.35 c 2.00 2.20 d 0.65 nominal f 0.30 0.40 h 1.80 2.20 j ? 0.10 k 0.90 1.00 l 0.25 0.40 m 0.10 0.25 a 0 8 all dimensions in m m * add ?-7? to t he appropriate type number in table 1 from sheet 2 example: 6.2v zener = mmbz5234bs-7-f. notes: 1. mounted on fr4 pc board with recommended pad lay out which can be found on our website at http: //www.diodes.com/datasheets/ap02001.pdf . 2. short durat ion test pulse used to minimize self-heating effect. 3. f = 1khz. 4. for packaging details, go to our website at http: //www.diodes.com/datasheets/ap02007.pdf . 5. no purposefully added lead. device packaging shipping (type number) -7-f sot-363 3000/tape & reel orderi ng inform ation (note 4) n c c 1 a 2 a 1 c 2 n c
ds31039 rev. 12 - 2 2 of 4 mmbz5221bs - mmbz5259bs www.diodes.co m type number marking code zener voltage r ange (note 6) maximum zener impedance (note 7) maximum reverse leakage current (note 6) v z @ i zt i zt z zt @ i zt z zk @ i zk = 0.25ma i r @ v r nom (v) min (v) max (v) ma w m a v mmbz5221bs kc1 2.4 2.28 2.52 20 30 1200 100 1.0 mmbz5223bs kc3 2.7 2.57 2.84 20 30 1300 75 1.0 mmbz5225bs kc5 3.0 2.85 3.15 20 30 1600 50 1.0 mmbz5226bs kg1 3.3 3.14 3.47 20 28 1600 25 1.0 mmbz5227bs kg2 3.6 3.42 3.78 20 24 1700 15 1.0 mmbz5228bs kg3 3.9 3.71 4.10 20 23 1900 10 1.0 mmbz5229bs kg4 4.3 4.09 4.52 20 22 2000 5.0 1.0 mmbz5230bs kg5 4.7 4.47 4.94 20 19 1900 5.0 2.0 mmbz5231bs ke1 5.1 4.85 5.36 20 17 1600 5.0 2.0 mmbz5232bs ke2 5.6 5.32 5.88 20 11 1600 5.0 3.0 mmbz5233bs ke3 6.0 5.70 6.30 20 7 1600 5.0 3.5 mmbz5234bs ke4 6.2 5.89 6.51 20 7 1000 5.0 4.0 mmbz5235bs ke5 6.8 6.46 7.14 20 5 750 3.0 5.0 mmbz5236bs kf1 7.5 7.13 7.88 20 6 500 3.0 6.0 mmbz5237bs kf2 8.2 7.79 8.61 20 8 500 3.0 6.5 mmbz5238bs kf3 8.7 8.27 9.14 20 8 600 3.0 6.5 mmbz5239bs kf4 9.1 8.65 9.56 20 10 600 3.0 7.0 mmbz5240bs kf5 10 9.50 10.50 20 17 600 3.0 8.0 mmbz5241bs kh1 11 10.45 11.55 20 22 600 2.0 8.4 mmbz5242bs kh2 12 11.40 12.60 20 30 600 1.0 9.1 mmbz5243bs kh3 13 12.35 13.65 9.5 13 600 0.5 9.9 mmbz5245bs kh5 15 14.25 15.75 8.5 16 600 0.1 11 mmbz5246bs kj1 16 15.20 16.80 7.8 17 600 0.1 12 mmbz5248bs kj3 18 17.10 18.90 7.0 21 600 0.1 14 mmbz5250bs kj5 20 19.00 21.00 6.2 25 600 0.1 15 mmbz5251bs kk1 22 20.90 23.10 5.6 29 600 0.1 17 mmbz5252bs kk2 24 22.80 25.20 5.2 33 600 0.1 18 mmbz5254bs kk4 27 25.65 28.35 5.0 41 600 0.1 21 mmbz5255bs kk5 28 26.60 29.40 4.5 44 600 0.1 21 mmbz5256bs km1 30 28.50 31.50 4.2 49 600 0.1 23 mmbz5257bs km2 33 31.35 34.65 3.8 58 700 0.1 25 mmbz5258bs km3 36 34.20 37.80 3.4 70 700 0.1 27 mmbz5259bs km4 39 37.05 40.95 3.2 80 800 0.1 30 electri cal character isti cs @ t a = 25c unless otherwise s pecified notes: 6. short durat ion test pulse used to minimize self-heating effect. 7. f = 1khz. month jan feb march apr may jun jul aug sep oct nov dec code 1 2 3 4 5 6 7 8 9 o n d year 2002 2003 2004 2005 2006 2007 2008 2009 code n p r s t u v w date code key kxx = product type marking code, see sheet 1 ym = date code marking y = year ex: n = 2002 m = month ex: 9 = september k x x y m k x x y m marking i nformat ion
ds31039 rev. 12 - 2 3 of 4 mmbz5221bs - mmbz5259bs www.diodes.co m 1 1 0 1 0 0 1 1 0 1 0 0 p , p e a k s u r g e p o w e r ( w ) p k p u l s e w id t h ( m s ) f ig . 4 m a x im u m n o n -r e p e ti ti v e s u rg e p o w e r 1 0 0 0 1 10 10 0 10 00 1 10 10 0 v , n o m in a l z e n e r v o l t a g e (v ) z fi g. 3 z en er v ol tag e vs . z en er im pe de nc e i = 1 .0 m a z c , t o t a l c a p a c i t a n c e ( p f ) t 1 0 1 0 0 1 0 0 0 1 0 1 0 0 1 v , n o m i n a l z e n e r v o l t a g e ( v ) z f i g . 2 t o t a l c a p a c i t a n c e v s n o m i n a l z e n e r v o l t a g e t = 2 5 c j v = 1 v r v = 2 v r 0 0 . 1 0 . 2 0 . 3 0 . 4 0 1 2 5 1 0 0 1 5 0 p , p o w e r d i s s i p a t i o n ( w ) d t , a m b i e n t t e m p e r a t u r e ( c ) a f ig . 1 p o w e r d is s ip a t io n v s a m b ie n t t e m p e r a t u r e 7 5 5 0 2 5 0 1 0 2 0 3 0 0 i , z e n e r c u r r e n t ( m a ) z v , z e n e r v o l t a g e ( v ) z f ig . 6 z e n e r b re a k d o w n c h a ra c te ri s ti c s 1 0 2 0 3 0 4 0 t = 2 5 c j t es t c ur re nt i z n om in al z en er b re ak do w n v ol tag e 10 12 18 22 27 33 36 15 39 0 1 0 2 0 3 0 4 0 5 0 0 1 2 3 4 5 6 7 8 9 1 0 i , z e n e r c u r r e n t ( m a ) z v , z e n e r v o l t a g e ( v ) z f ig . 5 z e n e r b re a k d o w n c h a ra c te ri s ti c s t = 2 5 c j c 5 v 6 6 v 8 8 v 2 t e st c u rr e n t i z 2 0 m a
ds31039 rev. 12 - 2 4 of 4 mmbz5221bs - mmbz5259bs i m p o r t a n t n o t i c e d i o d e s i n c o r p o r a t e d a n d i t s s u b s i d i a r i e s r e s e r v e t h e r i g h t t o m a k e m o d i f i c a t i o n s , e n h a n c e m e n t s , i m p r o v e m e n t s , c o r r e c t i o n s o r o t h e r c h a n g e s w i t h o u t f u r t h e r n o t i c e t o a n y p r o d u c t h e r e i n . d i o d e s i n c o r p o r a t e d d o e s n o t a s s u m e a n y l i a b i l i t y a r i s i n g o u t o f t h e a p p l i c a t i o n o r u s e o f a n y p r o d u c t d e s c r i b e d h e r e i n ; n e i t h e r d o e s i t c o n v e y a n y l i c e n s e u n d e r i t s p a t e n t r i g h t s , n o r t h e r i g h t s o f o t h e r s . t h e u s e r o f p r o d u c t s i n s u c h a p p l i c a t i o n s s h a l l a s s u m e a l l r i s k s o f s u c h u s e a n d w i l l a g r e e t o h o l d d i o d e s i n c o r p o r a t e d a n d a l l t h e c o m p a n i e s w h o s e p r o d u c t s a r e r e p r e s e n t e d o n o u r w e b s i t e , h a r m l e s s a g a i n s t a l l d a m a g e s . l i f e s u p p o r t d i o d e s i n c o r p o r a t e d p r o d u c t s a r e n o t a u t h o r i z e d f o r u s e a s c r i t i c a l c o m p o n e n t s i n l i f e s u p p o r t d e v i c e s o r s y s t e m s w i t h o u t t h e e x p r e s s e d w r i t t e n a p p r o v a l o f t h e p r e s i d e n t o f d i o d e s i n c o r p o r a t e d .


▲Up To Search▲   

 
Price & Availability of MMBZ5251BS-7-F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X